Part Number Hot Search : 
SMDA08C Z86E0412 SKY13 2SK1516 MCR25DG 01906 2SK123 84134312
Product Description
Full Text Search
 

To Download HMC392LH5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC392LH5
v00.0707
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
7
LOW NOISE AMPLIFIERS - SMT
Typical Applications
The HMC392LH5 is ideal for: * Point-to-Point Radios * VSAT * LO Driver for HMC Mixers * Military EW, ECM, C3I * Space
Features
High Gain: 15.4 dB Low Noise Figure: 2.5 dB Single Positive Supply: +5V DC Blocked & 50 Ohm Matched RF I/Os No External Matching Components Required Hermetic SMT Package, 25 mm2
Functional Diagram
General Description
The HMC392LH5 is a GaAs MMIC Low Noise Amplifier packaged in a hermetic surface mount package which operates between 3.5 and 7 GHz. The amplifier provides 15.4 dB of gain, 2.5 dB noise figure, and +24.5 dBm output IP3 from a single+5V supply. The HMC392LH5 has six biasing options which allow the user to select the bias point and output power of the device (+13 to +17 dBm). The HMC392LH5 functions well as a low noise or driver amplifier and is ideal for driving the LO port of Hittite mixers. The HMC392LH5 is well suited for high reliability military, industrial and space applications.
Electrical Specifi cations, TA = +25 C, Vdd = +5V, PS4= PS8= GND
Parameter Frequency Range Gain Gain Variation Over Temperature Noise Figure Input Return Loss Output Return Loss Output Power for 1 dB Compression (P1dB) Saturated Output Power (Psat) Output Third Order Intercept (IP3) Supply Current (Idd) 22 11 12.8 Min. Typ. 4-6 15.4 0.018 2.5 15 17 13.5 17.5 24.5 43 60 21 0.025 3.2 12 Max. Min. Typ. 3.5 - 7 15.2 0.018 2.7 12 15 14 17.5 24.5 43 60 0.025 3.7 Max. Units GHz dB dB/ C dB dB dB dBm dBm dBm mA
Note: Data taken with pins PS4 & PS8 connected to ground and pins PS3, PS4, PS6 & PS7 unconnected (state 5) unless otherwise noted.
7 - 96
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC392LH5
v00.0707
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
Broadband Gain & Return Loss
20 15 10 RESPONSE (dB) 5 0 -5 -10 -15 -20 -25 -30 2 3 4 5 6 7 8 9 FREQUENCY (GHz)
S21 S11 S22
Gain vs. Temperature
20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 3 3.5 4 4.5 5 5.5
7
LOW NOISE AMPLIFIERS - SMT
7 - 97
GAIN (dB)
+25C +85C - 40C
6
6.5
7
7.5
8
FREQUENCY (GHz)
Input Return Loss vs. Temperature
0
+25C +85C - 40C
Output Return Loss vs. Temperature
0
+25C +85C - 40C
-5 RETURN LOSS (dB)
-5 RETURN LOSS (dB) 6 6.5 7 7.5 8
-10
-10
-15
-15
-20
-20
-25 3 3.5 4 4.5 5 5.5 FREQUENCY (GHz)
-25 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 FREQUENCY (GHz)
Noise Figure vs. Temperature
5 4.5 4 NOISE FIGURE (dB)
Reverse Isolation vs. Temperature
0 -10 ISOLATION (dB) -20 -30 -40 -50 -60
+25C +85C - 40C
3.5 3 2.5 2 1.5 1 0.5 0 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 FREQUENCY (GHz)
+25C +85C - 40C
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC392LH5
v00.0707
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
7
LOW NOISE AMPLIFIERS - SMT
Output P1dB vs. Temperature
20 19 18 17 P1dB (dBm) 16 15 14 13 12 11 10 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 FREQUENCY (GHz)
Psat vs. Temperature
22 21 20 19 Psat (dBm)
+25C +85C - 40C
18 17 16 15 14 13 12 11 10 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 FREQUENCY (GHz)
+25C +85C - 40C
Output IP3 vs. Temperature
32 31 30 29 28 IP3 (dBm) 27 26 25 24 23 22 21 20 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 FREQUENCY (GHz)
+25C +85C - 40C
Gain, Noise Figure & Output Power vs. Supply Voltage @ 5.5 GHz
GAIN (dB), NOISE FIGURE (dB), P1dB (dBm) 20 18 16 14 12 10 8 6 4 2 0 4.5 4.75 5 Vdd (V) 5.25 5.5
Gain Noise Figure P1dB
Output P1dB vs. Power Select State
24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 3 3.5 4 4.5 5
State 1 Idd=60mA State 2 Idd=50mA State 3 Idd=43mA State 4 Idd=53mA State 5 Idd=43mA State 6 Idd=38mA
Gain & Noise Figure vs. Power Select State
18 16 GAIN, NOISE FIGURE (dB) 14 12 10 8 6 4 2 0
Gain State 1 Gain State 2 Gain State 3 Gain State 4 Gain State 5 Gain State 6 NF State 1 NF State 2 NF State 3 NF State 4 NF State 5 NF State 6
P1dB (dBm)
5.5
6
6.5
7
7.5
8
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
FREQUENCY (GHz)
FREQUENCY (GHz)
7 - 98
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC392LH5
v00.0707
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
Power Compression @ 5.5 GHz
20 Pout (dBm), GAIN (dB), PAE (%)
Absolute Maximum Ratings
Drain Bias Voltage (Vdd) RF Input Power (RFIN)(Vdd = +5 Vdc) +8 Vdc +10 dBm 175 C 0.629 W 143.08 C/W -65 to +150 C -40 to +85 C
7
LOW NOISE AMPLIFIERS - SMT
7 - 99
15
Pout Gain PAE
Channel Temperature Continuous Pdiss (T= 85 C) (derate 6.99 mW/C above 85 C) Thermal Resistance (channel to ground paddle) Storage Temperature Operating Temperature
10
5
0
-15 -13 -11 -9 -7 -5 -3 -1 1 3 5
Typical Supply Current vs. Vdd
Vdd (Vdc) +4.5 +5.0 Idd (mA) 43 44 45 (State 5 Depicted)
INPUT POWER (dBm)
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
+5.5
Outline Drawing
NOTES: 1. PACKAGE BODY MATERIAL: CERAMIC & KOVAR 2. LEAD AND GROUND PADDLE PLATING: GOLD 40 - 80 MICROINCHES. 3. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE 5. PAD BURR LENGTH 0.15mm MAX. PAD BURR HEIGHT 0.25mm MAX. 6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC392LH5
v00.0707
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
7
LOW NOISE AMPLIFIERS - SMT
Pin Descriptions
Pin Number 2 Function RFIN Description This pin is AC coupled and matched to 50 Ohms. Interface Schematic
Power Select 12 11 PS3 PS4
One of these pins must be connected to ground and one must be unconnected. See Power Select Table for selection criteria.
Power Select 6 5 4 PS7 PS8 PS9 One of these pins must be connected to ground and two must be unconnected. See Power Select Table for selection criteria.
10
Vdd
Power supply voltage for amplifier. External bypass 100pF, 1000pF and 4.7 F are required.
8
RFOUT
This pin is AC coupled and matched to 50 Ohms.
1, 3, 7, 9
GND
These pins and package bottom must be connected to RF/DC ground.
Power Select Table
State 1 2 3 4 5 6 Pins Connected to Ground PS3 & PS7 PS3 & PS8 PS3 & PS9 PS4 & PS7 PS4 & PS8 PS4 & PS9 Typical Idd (mA) 60 50 43 53 43 38 Typical Output P1dB (dBm) 16.8 15.7 13.5 15.5 14.0 12.8 Typical Gain (dB) 16.0 15.5 15.3 15.4 15.2 15.2 Typical Noise Figure (dB) 2.7 2.7 2.9 2.9 2.7 2.7
7 - 100
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC392LH5
v00.0707
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
Evaluation PCB
7
LOW NOISE AMPLIFIERS - SMT
List of Materials for Evaluation PCB 117431 [1]
Item J1, J2 J3 - J4 C1 C2 C3 U1 PCB [2] SMA DC Pin 100 pF capacitor, 0402 pkg. 1,000 pF Capacitor, 0603 pkg. 4.7 F Capacitor, Tantalum HMC392LH5 Amplifier 117429 Evaluation PCB Description
[1] Reference this number when ordering complete evaluation PCB [2] Circuit Board Material: Rogers 4350.
The circuit board used in this application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and bottom ground planes. The evaluation board should be mounted to an appropriate heat sink. The evaluation circuit board shown is available from Hittite upon request.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
7 - 101


▲Up To Search▲   

 
Price & Availability of HMC392LH5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X